PART |
Description |
Maker |
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MC145705DW MC145705P MC145706DW MC145706P MC145707 |
5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE (MC145706 / MC145707) 5 Volt Only Driver/Receiver with an Integrated Standby Mode Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO20 Dual-Processor Supervisory Circuits with Power-Fail 8-MSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Motorola, Inc MOTOROLA[Motorola Inc] Jiangsu Changjiang Electronics Technology Co., Ltd.
|
LT1180A LT1180AC LT1180ACN LT1180ACSW LT1180AI LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors From old datasheet system
|
LINER[Linear Technology]
|
EL1501 EL1501C EL1501CM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Differential Line Driver/Receiver
|
Intersil, Corp. ELANTEC[Elantec Semiconductor]
|
UPD4721 UPD4721GS-GJG UPD4721GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC, Corp. NEC Corp. NEC[NEC]
|
NJU6401 NJU6401B NJU6401BD NJU6401BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
UPD4715A UPD4715ACY UPD4715AGT |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 RS-232 LINE DRIVER/RECEIVER
|
NEC, Corp. NEC[NEC]
|
SP3220B SP3220BCA SP3220BCT SP3220BCY SP3220BEA SP |
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 320 x 240 pixel format, Chip-On-Glass Technology 高.0V.5V的RS - 232驱动接收
|
SIPEX[Sipex Corporation]
|
HCF4070 HCF4070B HCF4070BC1 HCF4070BEY HCF4070BF H |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GATES 盖茨 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
LTC1338INW |
5V Low Power RS232 5-Driver/3-Receiver Transceiver
|
Linear Technology
|